Part Number Hot Search : 
HA17723 300000 1N970B CAT525WI TA881GG MTSS330G AAT3221 2N4299
Product Description
Full Text Search
 

To Download 2N3766 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/518 Devices 2N3766 2N3767 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation @ TC = +250C (1) Operating & Storage Temperature Range
Symbol
VCEO VCBO VEBO IB IC PT Top, Tstg
2N3766
60 80 6.0 2.0 4.0 25
2N3767
80 100
Units
Vdc Vdc Vdc Adc Adc W
0
-65 to +200 Max. 7.0
C
THERMAL CHARACTERISTICS
Characteristics Symbol Thermal Resistance, Junction-to-Case RJC 1) Derate linearly 143 mW/0C between TC = +250C and TC = +2000C Unit 0 C/W
TO-66* (TO-213AA)
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 100 mAdc Collector-Emitter Cutoff Current VCE = 60 Vdc VCE = 80 Vdc Collector-Emitter Cutoff Current VCE = 80 Vdc, VBE = 1.5 Vdc VCE = 100 Vdc, VBE = 1.5 Vdc Collector-Base Cutoff Current VCB = 80 Vdc VCB = 100 Vdc Emitter-Base Cutoff Current VEB = 6.0 Vdc 2N3766 2N3767 2N3766 2N3767 2N3766 2N3767 2N3766 2N3767 V(BR)CEO 60 80 500 500 10 10 10 10 500 Vdc
ICEO
Adc
ICEX
Adc
ICBO IEBO
Adc Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3766, 2N3767 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 50 mAdc, VCE = 5.0 Vdc IC = 500 mAdc, VCE = 5.0 Vdc IC = 1.0 Adc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc IC = 0.5 Adc, IB = 0.05 Adc Base-Emitter Voltage IC = 1.0 Adc, VCE = 10 Vdc hFE 30 40 20 160
VCE(sat) VBE(on)
2.5 1.0 1.5
Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 500 mAdc, VCE = 10 Vdc, f = 10 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 0.1 MHz f 1.0 MHz hfe Cobo 1.0 8.0 50 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 0.5 Adc; IB = 0.05 Adc Turn-Off Time VCC = 30 Vdc; IC = 0.5 Adc; IB = IB = 0.05 Adc
t
on
0.25 2.5
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 6.25 Vdc, IC = 4.0 Adc Test 2 VCE = 20 Vdc, IC = 1.25 Adc Test 3 VCE = 50 Vdc, IC = 150 mAdc 2N3766 VCE = 65 Vdc, IC = 150 mAdc 2N3767 (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N3766

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X